Part Number Hot Search : 
12332 A5201 MCM6227B BRS340 120N6 53020C 5VCTT CXA16
Product Description
Full Text Search
 

To Download KTC2316-TO-92L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92L Plastic-Encapsulate Transistors
KTC2316
FEATURES Power dissipation PCM: 0.9 W (Tamb=25) TO-92L TRANSISTOR (NPN)
1. EMITTER
2. COLLECTOR
3. BASE
Collector current 0.8 A ICM: Collector-base voltage 120 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Transition frequency Collector output capacitance VCE(sat) VCE=5V, IC=100mA IC=500mA, IB=50mA VCE=5V, IC=100mA VCB=10V, IE=0, f=1MHz
123
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=1mA, IE=0 Ic=10mA, IB=0 IE=1mA, IC=0 VCB=120V, IE=0 VEB=4V, IC=0 VCE=5V, IC=10mA
120 120 5 0.1 0.1 60 80 240 1 120
30
A A
V MHz pF
fT
Cob
CLASSIFICATION OF hFE(1) Rank Range Marking O 80-160 Y 120-240


▲Up To Search▲   

 
Price & Availability of KTC2316-TO-92L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X